Part Number Hot Search : 
SUR503EF G5104 TS256MMC EP110 G1213 CP1403SN W551CXXX BD5330
Product Description
Full Text Search
 

To Download ZTX656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon planar medium power high voltage transistors issue 2 ? july 94 features * 300 volt v ceo * 0.5 amp continuous current *p tot =1 watt absolute maximum ratings. parameter symbol ZTX656 ztx657 unit collector-base voltage v cbo 200 300 v collector-emitter voltage v ceo 200 300 v emitter-base voltage v ebo 5v peak pulse current i cm 1a continuous collector current i c 0.5 a power dissipation at t amb =25c p tot 1w operating and storage temperature range t j :t stg -55 to +200 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol ZTX656 ztx657 unit conditions. min. max. min. max. collector-base breakdown voltage v (br)cbo 200 300 v i c =100 m a, i e =0 collector-emitter breakdown voltage v (br)ceo 200 300 v i c =10ma, i b =0* emitter-base breakdown voltage v (br)ebo 55v i e =100 m a, i c =0 collector cut-off current i cbo 100 100 na na v cb =160v, i e =0 v cb =200v, i e =0 emitter cut-off current i ebo 100 100 na v eb =3v, i c =0 collector-emitter saturation voltage v ce(sat) 0.5 0.5 v i c =100ma, i b =10ma* base-emitter saturation voltage v be(sat) 11vi c =100ma, i b =10ma* base-emitter turn-on voltage v be(on) 1 1 v ic=100ma, v ce =5v* static forward current transfer ratio h fe 50 40 50 40 i c =100ma, v ce =5v i c =10ma, v ce =5v transition frequency f t 30 30 mhz i c =10ma, v ce =20v f=20mhz e-line to92 compatible ZTX656 ztx657 3-227 c b e typical characteristics v ce(sat) v i c i c - collector current (amps) v ce ( sa t ) - (v olts) i c - collector current (amps) v ce - collector voltage (volts) safe operating area 1 1000 10 100 0.001 0.01 0.1 1 single pulse test at t amb =25c d.c. 1s 100ms 10ms 1.0ms 300s 0.01 0.1 10 1 i c - collector current (amps) v be(sat) v i c v b e (sat) - ( v o lts ) i c /i b =10 i c - collector current (amps) h fe v i c h f e - no r mal ised ga i n ( % ) 0.01 10 0.1 1 v ce =5v 0.01 10 0.1 1 0.6 0.8 1.0 1.2 i c /i b =10 0.4 i c - collector current (amps) v be(on) v i c v b e - ( v olts ) switching speeds i c - collector current (amps) switching time 0.1 1 i b1 =i b2 =i c /10 0.01 ts tf td tr 1.2 1.4 0 ts s 2 1 3 td tr tf s 0.6 0.4 0.2 0.8 1.0 40 60 80 100 20 0 0.01 10 0.1 1 0.6 0.8 1.0 1.2 0.4 v ce =5v zt x 6 5 6 v ce =10v 0.4 0.6 0.8 1.0 0.2 0 1.4 1.6 1.2 1.8 0 zt x 65 7 ZTX656 ztx657 3-228
npn silicon planar medium power high voltage transistors issue 2 ? july 94 features * 300 volt v ceo * 0.5 amp continuous current *p tot =1 watt absolute maximum ratings. parameter symbol ZTX656 ztx657 unit collector-base voltage v cbo 200 300 v collector-emitter voltage v ceo 200 300 v emitter-base voltage v ebo 5v peak pulse current i cm 1a continuous collector current i c 0.5 a power dissipation at t amb =25c p tot 1w operating and storage temperature range t j :t stg -55 to +200 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol ZTX656 ztx657 unit conditions. min. max. min. max. collector-base breakdown voltage v (br)cbo 200 300 v i c =100 m a, i e =0 collector-emitter breakdown voltage v (br)ceo 200 300 v i c =10ma, i b =0* emitter-base breakdown voltage v (br)ebo 55v i e =100 m a, i c =0 collector cut-off current i cbo 100 100 na na v cb =160v, i e =0 v cb =200v, i e =0 emitter cut-off current i ebo 100 100 na v eb =3v, i c =0 collector-emitter saturation voltage v ce(sat) 0.5 0.5 v i c =100ma, i b =10ma* base-emitter saturation voltage v be(sat) 11vi c =100ma, i b =10ma* base-emitter turn-on voltage v be(on) 1 1 v ic=100ma, v ce =5v* static forward current transfer ratio h fe 50 40 50 40 i c =100ma, v ce =5v i c =10ma, v ce =5v transition frequency f t 30 30 mhz i c =10ma, v ce =20v f=20mhz e-line to92 compatible ZTX656 ztx657 3-227 c b e typical characteristics v ce(sat) v i c i c - collector current (amps) v ce ( sa t ) - (v olts) i c - collector current (amps) v ce - collector voltage (volts) safe operating area 1 1000 10 100 0.001 0.01 0.1 1 single pulse test at t amb =25c d.c. 1s 100ms 10ms 1.0ms 300s 0.01 0.1 10 1 i c - collector current (amps) v be(sat) v i c v b e (sat) - ( v o lts ) i c /i b =10 i c - collector current (amps) h fe v i c h f e - no r mal ised ga i n ( % ) 0.01 10 0.1 1 v ce =5v 0.01 10 0.1 1 0.6 0.8 1.0 1.2 i c /i b =10 0.4 i c - collector current (amps) v be(on) v i c v b e - ( v olts ) switching speeds i c - collector current (amps) switching time 0.1 1 i b1 =i b2 =i c /10 0.01 ts tf td tr 1.2 1.4 0 ts s 2 1 3 td tr tf s 0.6 0.4 0.2 0.8 1.0 40 60 80 100 20 0 0.01 10 0.1 1 0.6 0.8 1.0 1.2 0.4 v ce =5v zt x 6 5 6 v ce =10v 0.4 0.6 0.8 1.0 0.2 0 1.4 1.6 1.2 1.8 0 zt x 65 7 ZTX656 ztx657 3-228


▲Up To Search▲   

 
Price & Availability of ZTX656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X